Part Number Hot Search : 
EC750J03 PB3010 SMAJ33 051F0 805SF D19GA NKD250 5KP120A
Product Description
Full Text Search
 

To Download UGF1006G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss ugf1004g ito-220ab 50 / tube d0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a trr ns r jc o c/w t j o c t stg o c version:b13 storage temperature range - 55 to + 175 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a ordering information part no. package packing packing code packing code (green) maximum reverse recovery time (note 2) 25 typical thermal resistance 6 operating temperature range - 55 to + 175 maximum instantaneous forward voltage (note 1) @ 5 a / t a =25 v f 0.95 1.25 v maximum dc reverse current at rated t a =25 dc blocking voltage t a =125 i r 10 ua 100 maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 70 a maximum rms voltage 140 210 280 maximum dc blocking voltage 200 300 400 ? weight: 2.24 grams type number ugf1004g ugf1005g UGF1006G maximum repetitive peak reverse voltage 200 300 400 d0g mechanical data ? case: ito-220ab ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 /10 seconds. ugf1004g - UGF1006G 10.0amps. isolated glass passi vated ultra fast rectifiers ito-220ab features ? for use in low voltage, high frequency inverter, freewheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode
version:b13 ratings and characteristic curves (ugf1004g thru UGF1006G) 0 2 4 6 8 10 12 0 255075100125150175 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductive load with heatsink 0 20 40 60 80 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=125 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance ta=25 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics ta=25 ta=125 1004g 1005g-06g
ito-220ab c0 ito-220ab d0 dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code dim. unit(mm) unit(inch) marking diagram ugf100xg 50 / tube c0g 50 / tube d0g note: "x" is device code from "4" thru "6". ordering information part no. package bulk packing packing code packing code (green)


▲Up To Search▲   

 
Price & Availability of UGF1006G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X